Part Number Hot Search : 
1020C 2417K4A C3051 MGFS45V 2CLG15KV 22810 TL431AP LM317L
Product Description
Full Text Search
 

To Download 5102-0-00-15-00-00-03-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?product?number:?5102-0-00-15-00-00-03-0 description: ?5102 - surface mount pin packaging: packaged in bulk mill-max part number shell?plating contact?plating rohs compliant 5102-0-00-15-00-00-03-0 10 " gold over nickel 00 ?shell?material: brass?alloy (uns c36000) per astm b 16 properties?of?brass?alloy: chemical composition: cu 61.5%, zn 35.4%, pb 3.1%? hardness as machined: 80-90 rockwell b density: .307 lbs/in3 electrical conductivity: 26% iacs* melting point: 900c/885c (liquidus/solidus) ?(3 to 4% lead is used to permit "free machining" and is permitted by ec directive 2002/95annex 6; so all pin materials are rohs compliant) *international annealed copper standard, i.e. as a % of pure copper. mill-max mfg. corp. datasheet ? last modified 4/22/2009 page 1 of 1


▲Up To Search▲   

 
Price & Availability of 5102-0-00-15-00-00-03-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X